Part Number Hot Search : 
PE9734 BAS40 SZ25A12 APT5015 2N5805 VM134 NTE5850 561M100
Product Description
Full Text Search
 

To Download OL3204N-40P20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pulsed Laser Diode Modules
OL3204N, OL395N, OL399N, OL594N, OL595N, OL595N, OL5204N, and OL6204N DESCRIPTION
Oki's pulsed laser diode modules consists of several families, ranging from 1300 nm to 1625 nm in wavelength. The OL3204N/P20 family are 1310-nm pulsed laser diodes with an attached single-mode fiber in a 14-pin DIL. The OL395N/P20 family are 1310-nm pulsed laser diodes which are PCB mountable, with a flange coaxial package and a single-mode fiber. The OL399N/P20 family are 1300-nm pulsed laser diodes which are PCB mountable, with a flange coaxial package and a multi-mode fiber. The OL594N/P20 and OL595N/P20 families are a 1550-nm pulsed laser diodes in a coaxial package with a single-mode fiber. The OL5204/P20 family are 1550-nm pulsed laser diodes with a single-mode fiber pigtail attached in a 14-pin DIP. The OL6204N/AP10 family are 1625-nm pulsed strained multi-quantum-well (MQW) laser diode s in a 14-pin DIL package with single-mode fiber.
FEATURES
* * * *
S-MQW construction High efficiency laser diode family Coaxial or DIP with TEC cooler Single-mode or multi-mode fiber
* Applications:
- OTDR - Fault-locator portable instruments
Oki Semiconductor
1
s Pulsed Laser Diode Modules s -------------------------------------------------------------------
Family Characteristics
Part Number OL3204N-40/P20 OL3204N-60/P20 OL3204N-80/P20 OL3204N-100/P20 OL3204N-120/P20 OL395N-20/P20 OL395N-40/P20 OL395N-60/P20 OL395N-80/P20 OL399N-40/P20 OL399N-60/P20 OL399N-80/P20 OL399N-150/P20 OL594N-20/P20 OL594N-40/P20 OL594N-60/P20 OL595N-20/P20 OL595N-40/P20 OL595N-60/P20 OL5204-40/P20 OL5204-60/P20 OL5204-80/P20 OL5204-100/P20 OL5204-120/P20 OL6204A-50/P20 OL6204A-80/P20 OL6204A-100/P20 1625 14-pin DIP, 9mm height ThermoElectric Cooler with Attached Single-Mode Fiber Pigtail 14-pin DIL with Single-Mode Fiber 1550 Coaxial Package with Single-Mode Fiber 1300 PCB Mountable Coaxial Package with Multi-mode Fiber PCB Mountable Flange Coaxial Package with Single-mode Fiber 1310 14-pin DIL with Single-Mode Fiber (nm) Package Characteristics PF (mW) 40 60 80 100 120 20 40 60 80 40 60 80 150 20 40 60 20 40 60 40 60 80 100 120 55 96 110 Iop Max. (mA) 500 550 500 750 800 600 700 800 800 350 380 550 750 500 750 800 500 750 800 600 600 600 800 1000 800 800 1000 -20 ~ +65 204 -20 ~ +60 -20 ~ +50 -20 ~ +60 -20 ~ +50 -20 ~ +60 99 -20 ~ +50 -20 ~ +60 95 -20 ~ +65 204 Operating Temperature(C) Package Type
94
95
2
Oki Semiconductor
------------------------------------------------------------------ s Pulsed Laser Diode Modules s
PACKAGE AND PIN CONFIGURATION - PACKAGE TYPE 94
o6.8
27.6 o0.45 (3x) 12.0 8.0 o2.2 (2x) 7.0 5.5
33.1
1
Case 2 3
LD
1
3
2.0 16.0
2
Dimensions in mm
Fiber Pigtail Specification - Package Type 94
Parameter Type Mode Field Diameter Cladding Diameter Jacket Diameter Length Connector Specifications Single Mode 10 1 125 2 900 1 (Min.) FC Unit - m m m m -
Oki Semiconductor
3
s Pulsed Laser Diode Modules s -------------------------------------------------------------------
PACKAGE AND PIN CONFIGURATION - PACKAGE TYPE 95
o6.8
o2.2 (2x)
23.6 12.7 17.0 7.0 6.4
1 2 3
o0.45 (3x)
o4.0
Case 2 3
LD
1
1.0
2.0 Dimensions in mm
Fiber Pigtail Specification - Package Type 95
Parameter Type Mode Field Diameter Cladding Diameter Jacket Diameter Length Connector Specifications Single Mode 10 1 125 2 900 1 (Min.) FC Unit - m m m m -
4
Oki Semiconductor
13.0
4.0
------------------------------------------------------------------ s Pulsed Laser Diode Modules s
PACKAGE AND PIN CONFIGURATION - PACKAGE TYPE 99
o6.8
o2.2 (2x)
23.6 12.7 17.0 7.0 6.4
1 2 3
o0.45 (3x)
o4.0
Case 2 3
LD
1
1.0
2.0 Dimensions in mm
Fiber Pigtail Specification - Package Type 99
Parameter Type Mode Field Diameter Cladding Diameter Jacket Diameter Length Connector Specifications Multi Mode 50 1 125 2 900 1 (Min.) FC-PC Unit - m m m m -
19.0
4.0
Oki Semiconductor
5
s Pulsed Laser Diode Modules s -------------------------------------------------------------------
PACKAGE AND PIN CONFIGURATION - PACKAGE TYPE 204
5.0 Rubber Hood Stainless Steel Sleve 3.18
1.0
25.4 12.7
16.0 1.0 20.8 24.0 SMF 7.1 9.0
o5.6
5.9 3.8 2.54 6.0 o0.45
Dimensions in mm
8
14
(-)
Thermister Case
Cooler
Fiber
7
1
(+)
Fiber Pigtail Specification - Package Type 204
Parameter Type Mode Field Diameter Cladding Diameter Jacket Diameter Length Connector 1. FC/PC for OL6204 only. Specifications Single Mode 10 1 125 2 900 1 (Min.) FC [1] Unit - m m m m -
6
Oki Semiconductor
7.62
19.0
------------------------------------------------------------------ s Pulsed Laser Diode Modules s
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Ta = 25 C, unless otherwise noted)
Parameter Fiber Output Power Notes For OL395N-20, OL594N-20, and OL595N-20. For OL395N-40, OOL594N-40, OL595N-40, and OL3204N-xx. For OL6204N-50. For OL594N-60 and OL595N-60. For OL395N-60 and OL399N-60. For OL395N-80 and OL399N-80. For OL6204N-80. For OL6204N-100. For OL399N-150. Laser Diode Reverse Voltage Laser Diode Forward Current
[1]
Symbol PF
Ratings 30 48 55 65 70 90 96 110 160
Unit mW
-- For OL6204N-50, -80, OL395N-40, -60, -80, OL399N-150, OL595N-xx, and OL594N-xx. For OL399N-40, -60. For OL399N-80. For all other configurations.
Vr(LD) If(LD)
2 800 400 600 700
V mA
Cooler Current Operating Temperature Storage Temperature Soldering (max. 10 sec)
1 4,5 2 3
IC TOPR TSTC TSLD
1.0 -20 ~ +65
[2]
A C C C
-40 ~ +70 260
[3]
1. Pulse width 10s, duty 1%. 2. Operating temperature is -20 to +60 C for OL395N-xx, OL399N-xx, and OL594N-20, and OL595N-40. 3. Soldering temperature applies only to OL395N-xx, OL399N-xx, OL594N-xx, and OL595N-xx.
Oki Semiconductor
7
s Pulsed Laser Diode Modules s -------------------------------------------------------------------
Optical and Electrical Characteristics - OL3204N (TLD = 25 C, Pulse Width = 10s, Duty Cycle = 1%)
Parameter Symbol Test Conditions PF = 40 mW PF = 60 mW Threshold Current ITH PF = 80 mW PF = 100 mW PF = 120 mW PF = 40 mW PF = 60 mW Operating Current IOP PF = 80 mW PF = 100 mW PF = 120 mW Operating Voltage Center Wavelength Spectral Width Rise Time Fall Time Cooler Capacity VOP C r f T T = 40 C, PF = 40 mW T = 40 C, PF = 60 mW Cooler Current Ic T = 40 C, PF = 80 mW T = 40 C, PF = 100 mW T = 40 C, PF = 120 mW T = 40 C, PF = 40 mW T = 40 C, PF = 60 mW Cooler Voltage Vc T = 40 C, PF = 80 mW T = 40 C, PF = 100 mW T = 40 C, PF = 120 mW Thermistor Resistance RTH - PF = 40, 60, 80, 100, 120 mW PF = 40, 60, 80, 100, 120 mW PF = 40, 60, 80, 100, 120 mW RSMx1 IBIAS = ITH PF = 1 mW,10 ~ 90% Min. - - - - - - - - - - - 1290 - - - 40 - - - - - - - - - - - - - - - - - - - - - 10 1.0 1.2 1.2 1.2 1.2 2.0 3.0 3.0 3.0 3.0 - Typ. 25 40 - - - - 400 - - - 1.7 1310 - - - Max. 50 70 - - - 500 550 - - - 3 1330 10 1 1 Unit mA mA mA mA mA mA mA mA mA mA V nm nm ns ns C A A A A A V V V V V k
8
Oki Semiconductor
------------------------------------------------------------------ s Pulsed Laser Diode Modules s
Optical and Electrical Characteristics - OL395N (TLD = 25 C, Pulse Width = 10s, Duty Cycle = 1%)
Parameter Symbol Test Conditions PF = 20 mW Threshold Current ITH PF = 40 mW PF = 60 mW PF = 80 mW PF = 20 mW Operating Current IOP PF = 40 mW PF = 60 mW PF = 80 mW PF = 20 mW Operating Voltage VOP PF = 40 mW PF = 60 mW PF = 80 mW Center Wavelength Spectral Width Rise Time Fall Time c r f PF = 20, 40, 60, 80 mW PF = 20, 40, 60, 80 mW RSMx1 IBIAS = ITH PF = 1mW,10-90% - - - - - - - - 1290 - - - Min. Typ. 40 40 40 25 300 400 600 650 1.7 1.7 2 2 1310 - - - Max. 70 70 70 50 600 700 800 800 3 3 3 3 1330 10 3* 3* Unit mA mA mA mA mA mA mA mA V V V V nm nm ns ns
* Rise and fall time for OL395N-80 is 1 ns Maximum
Optical and Electrical Characteristics - OL399N (TLD = 25 C, Pulse Width = 10s, Duty Cycle = 1%)
Parameter Threshold Current Symbol ITH Test Conditions - PF = 40 mW Operating Current IOP PF = 60 mW PF = 80 mW PF = 150 mW PF = 40 mW Operating Voltage VOP PF = 60 mW PF = 80 mW PF = 150 mW Center Wavelength Spectral Width Rise Time Fall Time c r f PF = 40, 60, 80, 150 mW PF = 40, 60, 80,150 mW RSMx1 IBIAS = ITH PF = 1mW,10-90% Min. - - - - - - - - - 1280 - - - Typ. - - - - - - - - - 1300 - - - Max. 70 350 380 550 750 2.5 2.5 2.5 3 1320 10 3 3 Unit mA mA mA mA mA V V V V nm nm ns ns
Oki Semiconductor
9
s Pulsed Laser Diode Modules s -------------------------------------------------------------------
Optical and Electrical Characteristics - OL594N and OL595N (TLD = 25 C, Pulse Width = 10s, Duty Cycle = 1%)
Parameter Symbol Test Conditions PF = 20 mW Threshold Current ITH PF = 40 mW PF = 60 mW PF = 20 mW Operating Current IOP PF = 40 mW PF = 60 mW PF = 20 mW Operating Voltage VOP c r f PF = 40 mW PF = 60 mW Center Wavelength Spectral Width Rise Time Fall Time PF = 20, 40, 60 mW PF = 20, 40, 60 mW RSMx1 IBIAS = ITH PF = 1mW,10-90% Min. - - - - - - - - - 1530 - - - 450 600 1.7 1.7 2 1550 - - - Typ. - 55 40 Max. 75 75 70 500 750 800 3 3 3 1570 10 3* 3* mA mA mA V V V nm nm ns ns Unit mA
* Rise and fall time for OL595N-60 is 1 ns maximum.
10
Oki Semiconductor
------------------------------------------------------------------ s Pulsed Laser Diode Modules s
Optical and Electrical Characteristics - OL5204N (TLD = 25 C, Pulse Width = 10s, Duty Cycle = 1%)
Parameter Symbol Test Conditions PF = 40 mW PF = 60 mW Threshold Current ITH PF = 80 mW PF = 100 mW PF = 120 mW PF = 40 mW PF = 60 mW Operating Current IOP PF = 80 mW PF = 100 mW PF = 120 mW PF = 40,60,80 mW Operating Voltage VOP c r f T PF = 100 mW PF = 120 mW Center Wavelength Spectral Width Rise Time Fall Time Cooler Capacity PF = 40, 60, 80, 100, 120 mW PF = 40, 60, 80, 100, 120 mW RSMx1 IBIAS = ITH PF = 1mW,10-90% PF = 40, 60, 80, 100, 120 mW T = 40 C, PF = 40 mW T = 40 C, PF = 60 mW Cooler Current Ic T = 40 C, PF = 80 mW T = 40 C, PF = 100 mW T = 40 C, PF = 120 mW T = 40 C, PF = 40 mW T = 40 C, PF = 60 mW Cooler Voltage Vc T = 40 C, PF = 80 mW T = 40 C, PF = 100 mW T = 40 C, PF = 120 mW Thermistor Resistance RTH - Min. - - - - - - - - - - - - - 1530 - - - 40 - - - - - - - - - - - Typ. 55 55 55 20 30 350 350 350 700 800 1.7 - - 1550 - - - - - - - - - - - - - - 10 Max. 75 75 75 50 50 600 600 600 800 1000 3 3 3 1570 10 1 1 - 1.2 1.2 1.2 1 1 3 3 3 2 2 - nm nm ns ns C A A A A A V V V V V k Unit mA mA mA mA mA mA mA mA mA mA V
Oki Semiconductor
11
s Pulsed Laser Diode Modules s -------------------------------------------------------------------
Optical and Electrical Characteristics - OL6204N (TLD = 25 C, Pulse Width = 10s, Duty Cycle = 1%)
Parameter Symbol Test Conditions PF = 50 mW Threshold Current ITH PF = 80 mW PF = 100 mW PF = 50 mW Operating Current IOP PF = 80 mW PF = 100 mW PF = 50 mW Operating Voltage VOP c r f T PF = 80 mW PF = 100 mW Center Wavelength Spectral Width Rise Time Fall Time Cooler Capacity PF = 50, 80, 100 mW PF = 50, 80, 100 mW RSMx1 IBIAS = ITH PF = 1mW,10-90% PF = 50 mW T = 40 C, PF = 50 mW Cooler Current Ic T = 40 C, PF = 80 mW T = 40 C, PF = 100 mW T = 40 C, PF = 50 mW Cooler Voltage Vc T = 40 C, PF = 80 mW T = 40 C, PF = 100 mW Thermistor Resistance RTH - Min. - - - - - - - - - 1615 - - - 40 - - - - - - - Typ. 70 25 20 550 - 700 2 2 - 1625 - - - - - - - - - - 10 Max. 100 50 50 800 800 1000 3 4 3 1635 10 1 1 - 1.2 1.0 1.0 3.0 2.0 2.0 - Unit mA mA mA mA mA mA V V V nm nm ns ns C A A A V V V k
12
Oki Semiconductor
The information contained herein can change without notice owing to product and/or technical improvements. Please make sure before using the product that the information you are referring to is up-to-date. The outline of action and examples of application circuits described herein have been chosen as an explanation of the standard action and performance of the product. When you actually plan to use the product, please ensure that the outside conditions are reflected in the actual circuit and assembly designs. OKI assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters outside the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right,etc.is granted by us in connection with the use of product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges, including but not limited to operating voltage, power dissipation, and operating temperature. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g.,office automation, communication equipment, measurement equipment, consumer electronics, etc.).These products are not authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property or death or injury to humans. Such applications include, but are not limited to: traffic control, automotive, safety, aerospace, nuclear power control, and medical, including life support and maintenance. Certain parts in this document may need governmental approval before they can be exported to certain countries. The purchaser assumes the responsibility of determining the legality of export of these parts and will take appropriate and necessary steps, at their own expense, for export to another country. Copyright 1995 OKI SEMICONDUCTOR OKI Semiconductor reserves the right to make changes in specifications at anytime and without notice. This information furnished by OKI Semiconductor in this publication is believed to be accurate and reliable. However, no responsibility is assumed by OKI Semiconductor for its use; nor for any infringements of patents or other rights of third parties resulting from its use. No license is granted under any patents or patent rights of OKI.
Oki Semiconductor
Oki REGIONAL SALES OFFICES
Northwest Area
785 N. Mary Avenue Sunnyvale, CA 94086 Tel: 408/720-8940 Fax: 408/720-8965
Eastern Area
Shattuck Office Center 138 River Road Andover, MA 01810 Tel: 508/688-8687 Fax: 508/688-8896
Southwest Area
2302 Martin Street Suite 250 Irvine, CA 92715 Tel: 714/752-1843 Fax: 714/752-2423
Automotive Electronics
17177 N. Laurel Park Drive Suite 433 Livonia, MI 48152 Tel: 313/464-7200 Fax: 313/464-1724
Central Area
2007 N. Collins Blvd. Suite 303 Richardson, TX 75080 Tel: 214/690-6868 Fax: 214/690-8233
Southeast Area
1590 Adamson Parkway Suite 220 Morrow, GA 30260 Tel: 404/960-9660 Fax: 404/960-9682
FOR OKI LITERATURE:
Call toll free 1-800-OKI-6388 (6 a.m. to 5 p.m. Pacific Time) Oki Stock No: 010032-001
Corporate Headquarters
785 N. Mary Avenue Sunnyvale, CA 94086-2909 Tel: 408/720-1900 Fax: 408/720-1918


▲Up To Search▲   

 
Price & Availability of OL3204N-40P20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X